Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download LL101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
LL101A - - - LL101C
VOLTAGE RANGE: 60 - 40 V POWER DIDDIPATION: 400 mW
SCHOTTKY BARRIER RECTIFIER
MINI-MELF
o For general purpose applications o The low forward voltage drop and fast switching marking it ideal for protection of MOS devices,steering, biasing and couping diodes for fast switching and low logic level applications. o Integrated protection ring against static discharge o Low leakage current
3.4 +0.3 -0.1 0.4A 0.1 O| 1 .5A 0.1 Cathode indification
MECHANICAL DATA
o Case: MINI-MELF o Polarity: Color band denotes cathode o Weight: Approx 0.031 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25ae,ambient temperature unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS AND THERMAL RESISTANCE LL101A
Reverse voltage Repetitive peak reverse voltage Forward current Maximum single cycle surge 10 s square wave Power dissipation Thermal resistance junction to ambient Junction temperature Storage temperature range
1)
LL101B
50 50 30 2.0 400 3201) 125
LL101C
40 40
Unit V V mA A mW K/W ae ae
VR VRRM I(AV) IFSM Ptot RJA Tj TSTG
60 60
- 55 --- + 150
Device mounted on PC board 50mmx50mmx1.6mm .
www.galaxycn.com
Document Number 0265014
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS
Parameter
Forward voltage IF=1mA IF=1mA IF=1mA IF=15mA IF=15mA IF=15mA Reverse current VR=50V VR=40V VR=30V Breakdown voltage IR=10A
Test Conditions
LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C
Symbol
Min
-
Typ
-
Max
0.41 0.40 0.39 1.00 0.95 0.90 200 200 200 2.0 2.1 2.2 1.0
Unit
VF
-
V
IR
60
nA
V(BR)
50 40 -
V
Diode capacitance
VR=0,f=1MHZ
LL101A LL101B LL101C CD
-
pF
Reverse recovery time
IF=IR=5mA,recover to 0.1i R
trr
-
ns
www.galaxycn.com
Document Number 0265014
BLGALAXY ELECTRICAL
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYP.IF VS FOR PRIMARY CONDUCTION
THROUGH THE SCHOTTKY BARRIES
LL101A - - - LL101C
FIG.2 -- TYP.IF OF COMBINATION SCHOTTKY
BARRIER AND PN JUNCTION GUARD RING
FIG.3 -- TYPICAL VARIATION OF REVERSE
CURRENT AT VARIOUS TEMPERATURES
FIG.4 -- TYPICAL CAPACITANCE CURVE
AS A FUNCTION OF REVERSE VOLTAGE
www.galaxycn.com
Document Number 0265014
BLGALAXY ELECTRICAL
3.


▲Up To Search▲   

 
Price & Availability of LL101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X